Part Number Hot Search : 
F130410 TFMAJ16 H6842 TSE02B 1N3039C 1620C 551LW7C LR120
Product Description
Full Text Search
 

To Download CN202J11S205Q7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K CN Series Double Pole Power Rocker Switches
Features/Benefits Typical Applications
* Illuminated versions available * Appliances * Multiple actuator and * Office equipment termination styles * Computers and peripherals
Specifications
CONTACT RATING: UL/CSA: 16 AMPS @ 125 VAC, 1/8 HP; 10 AMPS @ 250 VAC, 1/3 HP. ELECTRICAL LIFE: 10,000 make and break cycles at full load. INSULATION RESISTANCE: 108 min. DIELECTRIC STRENGTH: 1,500 VRMS @ sea level.
Materials
HOUSING AND ACTUATOR: 6/6 nylon (UL94V-2), black, matte finish. ILLUMINATED ACTUATOR: Polycarbonate, matte finish. CENTER CONTACTS: Silver plated, copper alloy. END CONTACTS: Silver plated AgSu02ln03. ALL TERMINALS: Silver plated, copper alloy.
NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages 24 thru 26. For additional options not shown in catalog, consult Customer Service Center.
Switch Function CN201 DPDT On-None-On CN202 DPST On-None-Off CN22 * DPST On-None-Off Actuator J1 Rocker J3 Illuminated rocker J6 Rocker J8 Illuminated rocker Actuator Color 2 (STD). Black 1 White 3 Red R Red, illuminated A Amber, illuminated G Green, illuminated
Mounting Style/Color S2 (STD.) Snap-in, black S4 (STD.) Snap-in, black S1 Snap-in, white S3 Snap-in, white Termination 15 (STD.) .187" quick connect 05 .250" quick connect 07 Solder lug Actuator Marking (NONE) (STD.) No marking D ON-OFF H "O l" - international ON-OFF P "O -" international ON-OFF Contact Rating Q (STD.) Silver (UL/CSA) QA Silver (UL/CSA with HP rating)
Lamp Rating (NONE) (STD.) No lamp 7 125 VAC neon 8 250 VAC neon
* CN22 - for switches with both marking and illumination
Dimensions are shown: Inch (mm) Dimensions subject to change
24
www.ittcannon.com
C&K CN Series Double Pole Power Rocker Switches
SWITCH FUNCTION
SWITCH FUNCTION CONNECTED TERMINALS
NO. POLES
MODEL NO.
C&K marking on opposite side
C&K marking on opposite side
SCHEMATIC
CN201
DP
ON
NONE
ON 2-3 N/A 2-1 OR
CN202
ON
NONE
OFF For Illuminated Version
CN22 *
ON
NONE
OFF
* CN22 - for switches with both marking and illumination
1b
2b
3b
ACTUATOR
J1 J3
ROCKER ILLUMINATED ROCKER
J6 J8
ROCKER ILLUMINATED ROCKER
NOTE: J1 & J3 actuators available with Q contact rating only. J3 actuator available with CN202 switch function only.
NOTE: J6 & J8 actuators available with QA contact rating only. J6 actuator available with CN201 & CN202 switch functions, J8 actuator available with CN202 switch function only.
Dimensions are shown: Inch (mm) Dimensions subject to change
25
www.ittcannon.com
C&K CN Series Double Pole Power Rocker Switches
ACTUATOR COLOR
OPTION CODE ACTUATOR COLOR (STD.) BLACK WHITE RED RED, ILLUMINATED AMBER, ILLUMINATED GREEN, ILLUMINATED
2 1 3 R A G
MOUNTING STYLE/COLOR
S2 S1
(STD.) SNAP-IN, BLACK SNAP-IN, WHITE
S4 S3
(STD.) SNAP-IN, BLACK SNAP-IN, WHITE
1b
2b
3b
1b
2b
3b
NOTE: Available with 15 termination and Q contact rating only. NOTE: Available with 05 termination and QA contact rating only. PANEL MOUNTING
PANEL THICKNESS 0.030-0.049 (0,75-1,25) 0.049-0.079 (1,25-2,0) 0.079-0.118 (2,0-3,0)
"X" 1.190-.004 (30,2-0,1) 1.197-.004 (30,4-0,1) 1.213-.004 (30,8-0,1)
"Y" 0.874+.004 (22,2+0,1) 0.874+.004 (22,2+0,1) 0.874+.004 (22,2+0,1)
TERMINATION
15
(STD.) .187" QUICK CONNECT
05
.250" QUICK CONNECT
1b
2b
3b
.102 DIA. (o2,6)
.413 (10,5) .425 (1,8) NOTE: Available with S1 & S1 mounting style and Q contact rating only. NOTE: Available with S3 & S4 mounting styles and QA contact rating, CN201 & CN202 switch functions only.
.250 (6,35)
Dimensions are shown: Inch (mm) Dimensions subject to change
26
www.ittcannon.com
C&K CN Series Double Pole Power Rocker Switches
TERMINATION
07
SOLDER LUG
.709 (18,0) 1.126 (28,6)
.031 (0,8) .429 (10,9) 1.071 (27,2)
.250 (6,35) .425 (1,8)
ACTUATOR MARKING
NONE
(STD.) NO MARKING
D
ON-OFF
H
Ol
P O-
NOTE: Orientation of actuator marking and terminals.
CONTACT MATERIAL
OPTION CODE
CONTACT AND TERMINAL MATERIAL SILVER
RATINGS 16 AMPS @ 125 VAC; 10 AMPS @ 250 VAC (UL/CSA) 16 AMPS @ 125 VAC, 1/8 HP @ 125 VAC; 10 AMPS @ 250 VAC, 1/3 HP @ 250 VAC (UL/CSA)
Q
(STD.)
QA*
* Not available with CN203, CN205 & CN207 switch functions.
LAMP RATING
(NONE) NO LAMP 7 125 VAC 33k NEON 8 250 VAC 150k NEON
NOTE: Lamp rating for J3 & J8 actuator options.
Dimensions are shown: Inch (mm) Dimensions subject to change
27
www.ittcannon.com
1b
2b
3b


▲Up To Search▲   

 
Price & Availability of CN202J11S205Q7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X